Part Number Hot Search : 
B7749 S1200 ST2001H 2EMS8 RF201 F3048 2N36342 F9Z34
Product Description
Full Text Search
 

To Download BZX85C9V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zeners (BZX85C 3V3 - BZX85C 33)
Zeners BZX85C 3V3 - BZX85C 33
Absolute Maximum Ratings*
Symbol
PD TSTG TJ
TA = 25C unless otherwise noted
Tolerance: C = 5%
Parameter
Power Dissipation Storage Temperature Range Operating Junction Temperature Lead Temperature (1/16" from case for 10 seconds)
Value
1.3 -65 to +200 + 200 + 230
Units
W C C C
*These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 200 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
DO-41
COLOR BAND DENOTES CATHODE
Electrical Characteristics
Device
BZX85C 3V3 BZX85C 3V6 BZX85C 3V9 BZX85C 4V3 BZX85C 4V7 BZX85C 5V1 BZX85C 5V6 BZX85C 6V2 BZX85C 6V8 BZX85C 7V5 BZX85C 8V2 BZX85C 9V1 BZX85C 10 BZX85C 11 BZX85C 12 BZX85C 13 BZX85C 15 BZX85C 16 BZX85C 18 BZX85C 20 BZX85C 22 BZX85C 24 BZX85C 27 BZX85C 30 BZX85C 33
TA = 25C unless otherwise noted
VZ(V)
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33
ZZ() @ IZ(mA)
20 15 15 13 13 10 7.0 4.0 3.5 3.0 5.0 5.0 7.0 8.0 9.0 10 15 15 20 24 25 25 30 30 35 80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8.0 8.0 8.0
ZZK() @IZK(mA)
400 500 500 500 600 500 400 300 300 200 200 200 200 300 350 400 500 500 500 600 600 600 750 1,000 1,200 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25
IR(A) @VR(V)
60 30 5.0 3.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 series 1.0 1.0 1.0 1.0 1.5 2.0 2.0 3.0 4.0 4.5 5.0 6.5 7.0 7.7 8.4 9.1 10.5 11 12.5 14 15.5 17 19 21 23
ISURGE(mA) IZRM(mA)
1,380 1,260 1,190 1,070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27
VF
Foward Voltage = 1.2 V Maximum @ IF = 200 mA for all BZX85
2001 Fairchild Semiconductor Corporation
BZX85 Series Rev. C
Zeners (BZX85C 3V3 - BZX85C 33)
Zeners (BZX85C 3V3 - BZX85C 33)
(continued)
Typical Characteristics
35
5000
V Z = 33.0V
V Z - ZENER VOLTAGE (V)
25 20 15 10 5 1
V Z = 5.1V V Z = 3.3V
TA = 25 C
Z Z - IMPEDANCE (ohms)
30
2000 1000 500 V Z = 3.3V 200 100 50
V Z = 5.1V
TA = 25 C
V Z = 33.0V
V Z = 12.0V
20 10 V Z = 12.0V 5 2 1 0.1
2
5 10 I Z- ZENER CURRENT (mA)
20
30
0.2
0.5 1 2 5 I Z - ZENER CURRENT (mA)
10
20
Zener Current vs. Zener Voltage
Zener Current vs. Zener Impedence
5
6
V Z = 3.3V
V Z = 5.1V
V Z - ZENER VOLTAGE (V)
V Z - ZENER VOLTAGE (V)
4
T A = -25 C TA = 25 C
5.5
TA = 125 C
3
TA = 85 C
5 TA = 100 C
T A = 25 C TA = -25 C
TA = 85 C
2
T A = 100 C T A= 125 C
4.5
1
4 1 2 5 10 I Z- ZENER CURRENT (mA) 20 30
1
2
5 10 I Z - ZENER CURRENT (mA)
20
30
3.3 Zener Voltage vs. Temperature
5.1 Zener Voltage vs. Temperature
15
V Z = 12.0V
40
TA = 125 C
V Z = 33.0V TA = 100 C
TA = 125 C
V Z - ZENER VOLTAGE (V)
V Z - ZENER VOLTAGE (V)
35
10 T = -25 C A
TA = 25 C
TA = 85 C
TA = 100 C
30 TA = -25 C
T A = 25 C
TA = 85 C
5
25
0
1
2
5 10 I Z - ZENER CURRENT (mA)
20
30
20
1
2
5 10 I Z - ZENER CURRENT (mA)
20
30
12 Zener Voltage vs. Zener Temperature
33 Zener Voltage vs. Zener Temperature
2001 Fairchild Semiconductor Corporation
BZX85 Series Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of BZX85C9V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X